PART |
Description |
Maker |
BL-R4132D BL-R4132E BL-R4132F BL-R4132H BL-R4132J |
Orange, standard LED lamp (rectangular type) Bright red, standard LED lamp (rectangular type) Amber, standard LED lamp (rectangular type) Green, standard LED lamp (rectangular type) Hi-eff red, standard LED lamp (rectangular type) Pure green, standard LED lamp (rectangular type) Yellow, standard LED lamp (rectangular type)
|
Yellow Stone Corp
|
BL-HW132A BL-HD032A BL-HS132A BL-HX132A BL-HA132 B |
Yellow, 30 mA, standard chip LED lamp Super red, 30 mA, standard chip LED lamp STANDARD CHIP LED LAMPS High Speed CMOS Logic 4-Bit Binary Ripple Counter 14-PDIP -55 to 125 4-Bit Magnitude Comparator 16-PDIP -55 to 125 1-Line to 10-Line Clock Driver With 3-State Outputs 24-SSOP 0 to 70 SWITCH 4-Bit Magnitude Comparator 16-SOIC -55 to 125 标准芯片LED节能 5V Dual 1-to-4 clock driver 20-SOIC 标准芯片LED节能 Soft orange, 30 mA, standard chip LED lamp Pure green, 30 mA, standard chip LED lamp
|
YSTONE[Yellow Stone Corp] ETC 早安股份有限公司 Yellow Stone, Corp.
|
MT4118-HRSB MT2118-GSB MT3118-YSB |
Standard T-1 3/4 LED Lamps 标准T - 1 3 / 4个LED Marktech Standard 5mm w/Standoffs
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
324YD 324TG 324B 324GD 324SG 324DRD |
Standard LED Lamp InGaN LED Lamps Super Bright LED Lamps 超高亮LED
|
Yokogawa Electric, Corp.
|
A104700AAG A104800AAB |
LED HOLDER T1 Inhalt pro Packung: 5 Stk. FASSUNG LED NORMAL STANDARD 被代替的LED一般标
|
TE Connectivity, Ltd.
|
HLMP-LM11-LP0XX HLMP-LM11-MNCXX HLMP-LM11-NR0XX HL |
SINGLE COLOR LED, GREEN, 3.7 mm PLASTIC PACKAGE-2 4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
|
Avago Technologies, Ltd. Agilent Technologies, Inc. JST Mfg. Co., Ltd. AVAGO TECHNOLOGIES LIMITED http://
|
Q62703-Q3170 Q62703-Q3176 Q62703-Q3177 Q62703-Q355 |
Hyper 3 mm T1 LED Non Diffused Hyper-Bright LED Hyper 3 mm T1 LED/ Non Diffused Hyper-Bright LED FILTER CHIP 26 OHM 6A 0603 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 50842042 Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, SUPER RED, 3 mm Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED 3毫米T1的LED,不扩散超高亮LED Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED 毫米T1的LED,不扩散超高亮LED Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, ORANGE, 3 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
QTLP600C-7 QTLP600C-2 QTLP600C-3 QTLP600C-4 QTLP60 |
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height) High Efficient Red, Yellow, Green, AlGaAs & Cree430nm Blue Surface Mount LED Lamp - Standard Bright 0603 (0.8 mm Height)
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
Q62703-Q3500 Q62703-Q3502 Q62703-Q3503 LSA676-P LS |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% Hyper SIDELED Hyper-Bright LED SINGLE COLOR LED, AMBER, 2.4 mm Hyper SIDELED Hyper-Bright LED SINGLE COLOR LED, ORANGE, 2.4 mm Hyper SIDELED Hyper-Bright LED 超SIDELED超高亮LED
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG TE Connectivity, Ltd.
|
AND113G |
Standard LED
|
Purdy Electronics Corporation
|